|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD -94000 IRF7328 HEXFET(R) Power MOSFET q q q q Trench Technology Ultra Low On-Resistance Dual P-Channel MOSFET Available in Tape & Reel VDSS -30V RDS(on) max 21m@VGS = -10V 32m@VGS = -4.5V ID -8.0A -6.8A Description New trench HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management applications. S1 G1 S2 G2 1 8 D1 D1 D2 D2 2 7 3 6 4 5 T o p V ie w SO-8 Absolute Maximum Ratings Parameter VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ , TSTG Drain-Source Voltage Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range Max. -30 -8.0 -6.4 -32 2.0 1.3 16 20 -55 to + 150 Units V A W W mW/C V C Thermal Resistance Parameter RJA Maximum Junction-to-Ambient Max. 62.5 Units C/W www.irf.com 1 10/04/00 IRF7328 Electrical Characteristics @ TJ = 25C (unless otherwise specified) V(BR)DSS V(BR)DSS/TJ Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Min. -30 --- --- --- -1.0 12 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- -0.018 17 26.8 --- --- --- --- --- --- 52 9.8 8.3 13 15 198 98 2675 409 262 Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA 21 VGS = -10V, ID = -8.0A m 32 VGS = -4.5V, ID = -6.8A -2.5 V VDS = VGS, ID = -250A --- S VDS = -10V, ID = -8.0A -15 VDS = -24V, VGS = 0V A -25 VDS = -24V, VGS = 0V, TJ = 70C -100 VGS = -20V nA 100 VGS = 20V 78 ID = -8.0A --- nC VDS = -15V --- VGS = -10V 20 VDD = -15V, VGS = -10.0V 23 ID = -1.0A ns 297 RG = 6.0 147 RD = 15 --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz Source-Drain Ratings and Characteristics IS ISM VSD trr Qrr Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Min. Typ. Max. Units --- --- --- --- --- --- --- --- 37 36 -2.0 A -32 -1.2 56 54 V ns nC Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.0A, VGS = 0V TJ = 25C, I F = -2.0A di/dt = -100A/s D S Notes: Repetitive rating; pulse width limited by max. junction temperature. Surface mounted on FR-4 board, t 10sec. Pulse width 400s; duty cycle 2%. 2 www.irf.com IRF7328 100 VGS -10.0V -5.0V -4.5V -4.0V -3.5V -3.3V -3.0V BOTTOM -2.7V TOP 100 -ID, Drain-to-Source Current (A) 10 -ID, Drain-to-Source Current (A) 10 VGS -10.0V -5.0V -4.5V -4.0V -3.5V -3.3V -3.0V BOTTOM -2.7V TOP -2.7V 1 1 -2.7V 20s PULSE WIDTH Tj = 25C 0.1 0.1 1 10 100 20s PULSE WIDTH Tj = 150C 0.1 0.1 1 10 100 -VDS, Drain-to-Source Voltage (V) -VDS, Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics 100 2.0 RDS(on) , Drain-to-Source On Resistance (Normalized) ID = -8.0A -I D , Drain-to-Source Current (A) 1.5 10 TJ = 150 C 1.0 TJ = 25 C 1 0.5 0.1 2.0 V DS = -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 0.0 -60 -40 -20 VGS = -10V 0 20 40 60 80 100 120 140 160 -VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature ( C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 IRF7328 4000 -VGS , Gate-to-Source Voltage (V) VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd 14 12 10 8 6 4 2 0 0 ID = -8A V DS =-24V V DS =-15V C, Capacitance (pF) 3000 Ciss 2000 1000 Coss Crss 0 1 10 100 10 20 30 40 50 60 -VDS , Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 100 1000 -ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) 10 TJ = 25 C -ID , Drain Current (A) I TJ = 150 C 100 100us 10 1ms 1 0.1 0.2 V GS = 0 V 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 0.1 TC = 25 C TJ = 150 C Single Pulse 1 10 10ms 100 -VSD ,Source-to-Drain Voltage (V) -VDS , Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRF7328 10.0 VDS 8.0 RD VGS RG -ID , Drain Current (A) D.U.T. + 6.0 VGS 4.0 Pulse Width 1 s Duty Factor 0.1 % Fig 10a. Switching Time Test Circuit 2.0 td(on) tr t d(off) tf VGS 0.0 25 50 75 100 125 150 10% TC , Case Temperature ( C) Fig 9. Maximum Drain Current Vs. Case Temperature 90% VDS Fig 10b. Switching Time Waveforms 1000 Thermal Response (Z thJA ) 100 D = 0.50 0.20 10 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x ZthJA + TA 0.1 1 10 100 1000 1 0.1 0.0001 0.001 0.01 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient www.irf.com - VDD 5 IRF7328 RDS ( on ) , Drain-to-Source On Resistance ( ) ( RDS(on), Drain-to -Source On Resistance ) 0.060 0.100 0.050 0.075 0.040 0.030 ID = -8.0A 0.050 VGS = -4.5V 0.025 VGS = -10V 0.020 0.010 0.000 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 0.000 0 10 20 30 40 50 60 70 -ID , Drain Current ( A ) -VGS, Gate -to -Source Voltage (V) Fig 12. Typical On-Resistance Vs. Gate Voltage Fig 13. Typical On-Resistance Vs. Drain Current Current Regulator Same Type as D.U.T. 50K QG 12V .2F .3F QGS VG QGD VGS -3mA IG ID Current Sampling Resistors Charge Fig 14a. Basic Gate Charge Waveform Fig 14b. Gate Charge Test Circuit 6 www.irf.com + 10 V D.U.T. - VDS IRF7328 SO-8 Package Details D -B - D IM 5 IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157 M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99 A 6 5 H 0.2 5 (.0 10 ) M AM 5 8 E -A - 7 A1 B C D E e e1 H K 0 .10 (.00 4) L 8X 6 C 8X 1 2 3 4 e 6X e1 A K x 45 .050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8 1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8 -CB 8X 0 .25 (.01 0) A1 M CASBS L R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE.. 6 .46 ( .25 5 ) 1 .78 (.07 0) 8X 1.27 ( .0 50 ) 3X Part Marking www.irf.com 7 IRF7328 Tape and Reel T E R M IN A L N U M B E R 1 1 2 .3 ( .4 8 4 ) 1 1 .7 ( .4 6 1 ) 8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 ) F E E D D IR E C T IO N N O TES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 . 3 3 0 .0 0 (1 2 .9 9 2 ) MAX. 1 4 .4 0 ( .5 66 ) 1 2 .4 0 ( .4 88 ) N O TE S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 . IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 10/00 8 www.irf.com |
Price & Availability of IRF7328 |